Part Number Hot Search : 
SD110 ARE1324Z 4AX103V5 ATTP1 TEA202 1502B RK73Z1 XP152
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148
Small Signal Diodes
DO-35
min. 1.083 (27.5)
FEATURES Silicon Epitaxial Planar Diode Fast switching diodes. This diode is also available in other
max. .079 (2.0)
Cathode Mark
min. 1.083 (27.5)
case styles including: the SOD-123 case with the type designation 1N4148W, the MiniMELF case with the type designation LL4148, and the SOT23 case with the type designation IMBD4148.
max. .150 (3.8)
max. .020 (0.52)
MECHANICAL DATA
Case: DO-35 Glass Case Weight: approx. 0.13 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Reverse Voltage Peak Reverse Voltage Rectified Current (Average) Half Wave Rectification with Resist. Load at Tamb = 25 C and f 50 Hz Surge Forward Current at t < 1 s and Tj = 25 C Power Dissipation at Tamb = 25 C Junction Temperature Storage Temperature Range
1)
Value 75 100 1501)
Unit V V mA
VR V RM I0
IFSM Ptot Tj TS
500 5001) 175 -65 to +175
mA mW C C
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)
4/98
1N4148
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Forward Voltage at IF = 10 mA Leakage Current at VR = 20 V at VR = 75 V at VR = 20 V, Tj = 150 C Capacitance at VF = VR = 0 V Voltage Rise when Switching ON tested with 50 mA Pulses tp = 0.1 s, Rise Time < 30 ns, fp = 5 to 100 kHz Reverse Recovery Time from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Thermal Resistance Junction to Ambient Air Rectification Efficiency at f = 100 MHz, VRF = 2 V
1)
Min. -
Typ. -
Max. 1
Unit V
VF
IR IR IR Ctot Vfr
- - - - -
- - - - -
25 5 50 4 2.5
nA A A pF V
trr
-
-
4
ns
RthJA v
- 0.45
- -
3501) -
K/W -
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)
Rectification Efficiency Measurement Circuit
RATINGS AND CHARACTERISTIC CURVES 1N4148
RATINGS AND CHARACTERISTIC CURVES 1N4148


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X